PART |
Description |
Maker |
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
6725-RC 6729-RC 6731 6730-RC 6731-RC 6701-RC 6707- |
Toroidal Inductor; Series:6700; Inductance:8mH; Inductance Tolerance: /- 15 %; Current Rating:1A; DC Resistance Max:3.34ohm; Leaded Process Compatible:Yes 2 ELEMENT, 8000 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:6700; Inductance:100uH; Inductance Tolerance: /- 15 %; Current Rating:2.5A; DC Resistance Max:0.08ohm; Leaded Process Compatible:Yes 2 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors (with header)
|
Bourns, Inc. Bourns Electronic Solutions
|
ATV06B141J-G ATV06B141JB-G ATV06B510J-G ATV06B510J |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=600Watts, V<sub>RWM</sub>=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=440V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=400V, Tolerance=5%
|
Comchip Technology
|
MSS1038-684NLC MSS1038-564NTC MSS1038-564NSC MSS10 |
OBSOLETE when inventory is depleted. 30% tolerance no longer offered. Change 'N' to 'K' for 10% tolerance. 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
2316-H 2305-H |
INDUCTOR TORD HI AMP 220UH HORZ 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:16.4A; DC Resistance Max:0.007ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
3M Company BOURNS INC
|
CM252016-R22ML CM201212-R22KL CM201212-R68KL CM322 |
MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0056 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0015 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .1uH 10% Wirewound 1 ELEMENT, 0.1 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 2.7uH 10% Wirewound 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .33uH 20% Wirewound 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .033uH 10% Wirewound 1 ELEMENT, 0.033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0068 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.082 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 12uH 10% Wirewound 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:8.2uH; Inductance Tolerance: /- 10 %; Current Rating:0.27A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:150nH; Inductance Tolerance: /- 20 %; Current Rating:730A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1.8uH; Inductance Tolerance: 10 %; Current Rating:0.39A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1uH; Inductance Tolerance: /- 10 %; Current Rating:450A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:3.9uH; Inductance Tolerance: /- 10 %; Current Rating:0.33A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:330nH; Inductance Tolerance: 20 %; Current Rating:605A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:220nH; Inductance Tolerance: /- 20 %; Current Rating:665A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
ATV30C100J-G ATV30C100JB-G ATV30C101J-G ATV30C101J |
Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
VN2210 VN2210N2 VN2210N3 |
INDUCTOR, 1812 CASE, 1000UH; Inductor type:Wirewound; Inductance:1000uH; Tolerance, inductance: /-10%; Resistance:30R; Current, DC max:70mA N-Channel Enhancement-Mode Vertical DMOS FETs
|
Supertex, Inc. SUTEX[Supertex, Inc]
|
CW201212-R33J CW201212-12NJ CW201212-R56J CW201212 |
MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.33 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.91 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.0033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:High Frequency; Inductance:13.3nH; Inductance Tolerance: /- 5 %; Current Rating:600mA; Series:CW201212; Package/Case:0805; Core Material:Alumina Ceramic; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
FP2-V120-R FP2-D120-R |
1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:High Frequency; Inductance:120nH; Inductance Tolerance: /- 15 %; Series:FP2; Package/Case:FLAT-PAC; Core Material:Ferrite; Current, lt rms Parallel:37A; Current, lt rms Series:16A RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
FP4-100-R FP4-150-R |
SMD Inductor; Inductor Type:High Frequency; Inductance:100nH; Inductance Tolerance: /- 15 %; Series:FP4; DC Resistance Max:0.00065ohm; Package/Case:FLAT-PAC 4; Core Material:Ferrite; Current, It rms:40A RoHS Compliant: Yes SMD Inductor; Inductor Type:High Frequency; Inductance:150nH; Inductance Tolerance: /- 15 %; Series:FP6; DC Resistance Max:0.00065ohm; Package/Case:FLAT-PAC 4; Core Material:Ferrite; Current, It rms:40A RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
|